Part Number Hot Search : 
LS6106 2310A UPA27 RS601M10 N2238 MV8813 HG50089 B250A
Product Description
Full Text Search
 

To Download 56NOLFTX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  key switches d dC dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com k12s high performance smt key switches how t o or der our easy build-a-switch concept allows you to mix and match options to cr eate the switch you need. to order, select desired option from each category and place it in the appropriate box. features/benefits ? harsh environment applications - ip67 ? compatible with smt lead free soldering process ? illuminated ? excellent tactile feel ? high reliability / long life ? dpst and detect versions available ? rohs compliant typical applications ? automotive ? off-road transportation ? motorcycles ? industrial ? medical ? network ? joysticks electrical switching power min./max.: 0.02mw/3 w dc switching voltage min./max.: 2 v / 30 v dc switching current min./max.: 10 ma /100 ma dc dielectric strength: > 300 v rms operating life: > 10 6 operations (f<5n) / 10 5 operations (f 5n) contact resistance: initial < 100m - after test < 250m insulation resistance: >10 9 bounce time: < 10 ms environmental opera ting tempera ture : -40?c to 85?c. storage temperature: -40?c to 95?c. rohs compliant and halogen free. process solderability: lead free soldering compatible. construction: function: momentary contact arrangement: spst or dpst contact type: no or nc terminals: smt mechanical total travel: 1,5 mm operating force: 3n; 5n; 6n; 9n 4/8 n; 6/12 n sealing: ip40 or ip67 packaging reels of 900 pieces . 5 sub-series a ip40 with peg b ip67 with peg c ip40 without peg d ip67 without peg led color none no led ye0 y ellow rd0 red gn0 green or0 orange wh0 white am0 amber t ravel 1.5 1.5 mm operating force 3n 3 n 5n 5 n 6n 6 n 9n 9 n 4/8n 4/8 n (double step actuation) 6/12n 6/12 n (double step actua tion) 2 s k 1 l f t contact arrangement o normally open (spst) c normally closed (spst) oo 2 normally open (dpst) cc 2 normally closed (dpst) oc 1 normally open 1 normally closed (dpst) option s spst version l led version (spst) d dpst version lftx lead free, rohs terminals tin plated t ranslucent button n 1 x
? 6,4 ? 3,26 0 ,0 5 9,1 0 .1 5 1, 7 1 4,5 4,1 6,7 2,8 11, 6 1,3 12 ? 11,2 2, 1 (2 x )2 ,4 (4 x) 2, 35 ? 3 ,1 0 ,0 5 (4x) 2 ,1 (2x) 7 ,8 re c omm en d ed pc b l a yo u t 4 3 2 1 3 4 1 2 proh ibit e d a rea wi t hou t p e g wi t h peg key switches d dC dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com k12s high performance smt key switches k12sa/k12sc ip40 with peg / ip40 without peg k12sb / k12sd ip67 with peg / ip67 without peg ? 10,8 ? 6,4 ? 3,26 0 ,0 5 9,1 0 .1 5 1, 7 1 4,5 4,1 6,7 2,8 11, 6 1,3 12 2, 1 (2 x )2 ,4 (4 x) 2, 35 ? 3 ,1 0 ,0 5 (4x) 2 ,1 (2x) 7 ,8 4 3 2 1 3 4 1 2 proh ibit e d a rea wi t hou t p e g wi t h peg reco m me nd ed pc b layo ut ed n
option code opera ting force 3n 3n 5n 5n 6n 6n 9n 9n 4/8n 4/8n (double step actuation) 6/12n 6/12n (double step actuation) b b a a 5 4 , 1 1 12 3,5 4 2 5 , 1 1 5 7 , 1 4 24 2 1,5 13,6 3 0.5 di r ect i on of fe e d se c ti o n b- b se ct ion a- a si n gle no + led si n gle nc + led do u bl e no do u bl e n c si n gle no si n gle nc option code led color no led ye0 yellow rd0 red gn0 green or0 orange wh0 white am0 amber key switches d dC dimensions are shown: mm specifications and dimensions subject to change www.ck-components.com k12s high performance smt key switches 1.5 1.5 mm led color travel opera ting force l led version d dpst version contact arrangement o normally open (spst and led versions) c normally closed (spst and led versions) oo 2 normally open (dpst version) option s spst version t ape and reel cc 2 normally closed (dpst version) oc (1) 1 normally open/ 1 normally closed (dpst) (1) please contact technical support for this configuration using the sk a specialist?tion on the k12s product web page.


▲Up To Search▲   

 
Price & Availability of 56NOLFTX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X